Part Number Hot Search : 
NTE7072 C1Q250 79C5V6 T820750A F04F150 25064 TCR2DG20 CXA14
Product Description
Full Text Search
 

To Download BL-SX1136 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-SX1136
Features:
1. Chip material: GaP/GaP 2. Emitted color : Hi-Eff Green 3. Lens Appearance : Green Diffused 4. General purpose leads. 5. Low power consumption. 6. Compatible/ low current requirements 7. Reliable and rugged. 8 This product don't contained restriction substance, compliance ROHS standard.
Package dimensions
4.6(.181) 2.0(.079) 4.6(.181) 1.5(.059) MAX. 2.4(.094) 2.0(.079)
3.8(.150)
4.8(.189) 25.4(1.00) MIN. 0.5(.02) SQ. TYP.
Cathode
2.5(.098)
Applications:
1. TV set 2. Monitor 3. Telephone 4. Computer 5. Circuit board
Notes:
2.54(.100) NOM.
1.0(.039) MIN.
1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm (0.01") unless otherwise specified. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
Absolute Maximum Ratings(Ta=25)
Parameter Power Dissipation Forward Current Peak Forward Current*1 Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature
1
Symbol Pd IF IFP VR Topr Tstg Tsol
Rating 80 30 150 5 -40~80 -40~85 260(for 5 seconds)
Unit mW mA mA V
* Condition for IFP is pulse of 1/10 duty and 0.1msec width. Ver.1.0 Page: 1 of 2 1.1
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-SX1136
Electrical and optical characteristics(Ta=25)
Parameter
Forward Voltage Luminous Intensity
Symbol
VF Iv IR p d 21/2
Condition
IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA
Min.
567 -
Typ.
2.2 10 568 30 70
Max.
2.6 100 573 -
Unit
V mcd
Reverse Current
Peak Wave Length Dominant Wave Length Spectral Line Half-width Viewing Angle
A
nm nm nm deg
Typical Electro-Optical Characteristics Curves
Fig.1 RELATIVE INTENSITY VS. WAVELENGTH Fig.2 FORWARD CURRENT DERATING CURVE
1.0
60
RELATIVE RADIANT INTENSITY
50
FORWARD CURRENT (mA)
40
0.5
30
20
10
0
520
570
620
0
20
40
60
80
100
WAVELENGTH (nm)
AMBIENT TEMPERATURE Ta( C)
Fig.3 FORWARD CURRENT VS. FORWARD VOLTAGE
50
Fig.4 RELATIVE LUMINOUS INTENSITY VS. AMBIENT TEMPERATURE
3.0
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20mA)
FORWARD CURRENT (mA)
40
2.5
2.0
30
1.5
20
1.0
10
0.5
0
1
2
3
4
5
0 -40
-20
0
20
40
60
FORWARD VOLTAGE (V)
A AMBIENT TEMPERATURE Ta( C)
RADIATION DIAGRAM Fig.5 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
RELATIVE LUMINOUS INTENSITY(@20mA)
0
10
20 30
2.0
1.5
40
Relative Radiant Intensity
1.0 0.9 0.8 50 60 70 0.7 80 90 0.5 0.3 0.1 0.2 0.4 0.6
1.0
0.5
0
10
20
30
40
50
FORWARD CURRENT (mA)
Ver.1.0 Page: 2 of 2


▲Up To Search▲   

 
Price & Availability of BL-SX1136

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X